PART |
Description |
Maker |
ADM6315 ADM6315-25D2ART-RL ADM6315-25D2ART-RL7 ADM |
Voltage Detector 电压检测器 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Rail-to-Rail Current Sense Amplifier Micropower Ring Tone Generator Synchronous, Step-Down 800kHz PWM DC/DC Converter 2.5 V to 5 V at 100 mV Increments Supervisory Circuit in 4-Lead SOT-143
|
ON Semiconductor Electronic Theatre Controls, Inc. Analog Devices, Inc. Xicon Passive Components
|
LT3477IUF |
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
|
Linear Technology
|
LT3477 |
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
|
linear
|
LTC6091-15 |
Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
|
Linear Technology
|
LT8300 LT1991 LT1990 LT5400 LTC6090 LTC2756 |
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
|
Linear Technology
|
AD8018AR-EVAL AD8018AR-REEL7 AD8018ARUZ-REEL7 |
DUAL OP-AMP, 17000 uV OFFSET-MAX, PDSO14 5 V, Rail-to-Rail, High Output Current, xDSL Line Driver Amplifiers
|
ANALOG DEVICES INC
|
PIC-PROJ2 |
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 石化项目委员
|
Fairchild Semiconductor, Corp.
|
MCP6281 MCP6281-E_CH MCP6281-E_MS MCP6281-E_OT MCP |
450 碌A, 5 MHz Rail-to-Rail Op Amp 450 楼矛A, 5 MHz Rail-to-Rail Op Amp 450 渭A, 5 MHz Rail-to-Rail Op Amp 450 μA, 5 MHz Rail-to-Rail Op Amp OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO8
|
Microchip Technology, Inc.
|
MCP6002 MCP6002EP MCP6002ESN MCP6004 MCP6004E MCP6 |
The MCP6002 is a dual general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6002 is avail Operational Amplifier - Datasheet Reference 1 MHz Bandwidth Low Power Op Amp The MCP6001 is a single general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6001 is ava
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
MC33204VDG |
Rail-to-Rail, 1.8-12V Quad Channel Operational Amplifier, Ta = -55 to 125°C - PB Free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD OP-AMP, 17000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO14
|
ON Semiconductor
|
ACPL-K342-060E ACPL-K342-000E ACPL-K342-560E ACPL- |
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
|
AVAGO TECHNOLOGIES LIMI... AVAGO TECHNOLOGIES LIMITED
|